design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer tantalum solid capacitors lot. no. r.cap. code r. voltage code polaritymarking(+) lot. no. r.cap. code r. voltage code polarity marking(+) w1 l w s h s small size, low pro? le (l2.0 w 1.25 h 0.9 mm) face down terminal type rohs compliance, halogen free speci cations features marking dimensions (not to scale) characteristics list size code s09 b09 category temperature range C55 c to +85 c rated voltage range 2.5 v.dc to 10 v.dc 6.3 v.dc category voltage range 2.5 v.dc to 10 v.dc 6.3 v.dc rated capacitance range 4.7 f to 100 f 150 f capacitance tolerance 20 % (120 hz / + 20 c) leakage current please see the attached characteristics list dissipation factor (tan d ) please see the attached characteristics list surge voltage (v.dc) rated voltage 1.15 endurance +85 c, 1000 h, rated voltage applied capacitance change within 20 % of the initial value tan d < 1.5 times of the initial limit dc leakage current within the initial limit damp heat (steady state) +60 c, 90 % to 95 %, 500 h, no-applied voltage capacitance change within +40 %, ?20 % of the initial value tan d < 1.5 times of the initial limit dc leakage current < 3 times of the initial limit s09 sizeb09 size size code l0.1 ? 1 w0.1 ? 1 h0.1 s0.1 ? 1 w10.1 s09 2.0 1.25 0.9 0.5 0.9 b09 3.5 2.8 0.9 0.8 2.2 r. voltage (v.dc) 2.5 4.0 6.3 10.0 code eg j a r. cap. (f) 4.7 10 22 47 68 100 code sajswa r. cap. (f) 150 code e8 series rated voltage (v.dc) rated temp. (c) category voltage (v.dc) category temp. (c) rated capacitance (f) case size (mm) size code specifications standard floor life lwh ripple ? 1 current (mar.m.s.) esr ? 2 (m max.) tan d ? 3 lc ? 4 (a) part number min. packaging q'ty (pcs) re? ow temp < 260c re? ow temp < 250c tpu 2.5 85 2.5 85 47 2.0 1.25 0.9 s09 510 150 0.10 23.5 2r5tpu47msi 3000 C 3 85 2.5 85 100 2.0 1.25 0.9 510 150 0.10 50.0 etpu100msi 3000 4 85 4.0 85 68 2.0 1.25 0.9 510 150 0.10 54.4 4tpu68msi 3000 6.3 85 6.3 85 10 2.0 1.25 0.9 400 250 0.10 6.3 6tpu10msi 3000 85 6.3 85 22 2.0 1.25 0.9 510 150 0.10 27.7 6tpu22msi 3000 85 6.3 85 47 2.0 1.25 0.9 510 150 0.10 59.2 6tpu47msi 3000 85 6.3 85 150 3.5 2.8 0.9 b09 670 100 0.10 94.5 6TPU150MBI 3000 3 10 85 10.0 85 4.7 2.0 1.25 0.9 s09 360 300 0.10 4.7 10tpu4r7msi 3000 ? 1 ripple current (100 khz/ +45 c ), ? 2 esr (100 khz/+20 c) ? 3 tan d (120 hz/+20 c) ? 4 after 5 minutes please refer to each page in this catarog for reflow conditions and taping specifications. unit : mm ? 1 0.2 : b09 s09 size b09 size ? externals of ? gure are the reference. surface mount type series : tpu jun. 2018 02 downloaded from: http:///
if you want to use our products described in this onlin e catalog for applications requiring special qualities or reliability, or for applications where the failure or malfunction of the products may directly jeopardize human life or potentially caus e personal injury (e.g. aircraft and aerospace equipment, traffic and transportat ion equipment, combustion equipment, medical equipment, accident prevention, anti-crime eq uipment, and/or safety equipment), it is necessary to verify whether the specificatio ns of our products fit to such applications. please ensure that you will ask and check with our inquiry desk as to whether the specifications of our products fit to such applications use before you use our products. the quality and performance of our products as described in this online catalog only apply to our products when used in isolation. therefore, please en sure you evaluate and verify our products under the specific circumstances in which our pr oducts are assembled in your own products and in which our products will actually be used. if you use our products in equipment that requires a h igh degree of reliability, regardless of the application, it is recommended that you set up protectio n circuits and redundancy circuits in order to ensure safety of your equipment. the products and product specifications described in this online catalog are subject to change for improvement without prior notice. therefore, pleas e be sure to request and confirm the latest product specifications which explain the specifications of our products in detail, before you finalize the design of your applications, pu rchase, or use our products. the technical information in this online catalog provides example s of our products' typical operations and application circuits. we do not guarantee the non-infringement of third party's intellectual property rights and we do not grant any license, right, or interest in our intellectual property. if any of our products, product specifications and/or technical information in this online catalog is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially with regard to security and ex port control, shall be observed. the switchover date for compliance with the rohs directive /reach regulations varies depending on the part number or series of our products. when you use the inventory of our products for which it is unc lear whether those products are compliant with the rohs directive/reach regulation, please se lect "sales inquiry" in the website inquiry form and contact us. we do not take any responsibility for the use of our products outside the scope of the specifications, descriptions, guidelines and precautions described in this online catalog. guidelines and precautions regarding the described in this online catalog. downloaded from: http:///
|